Part Number Hot Search : 
MT90528 D4069UBC ADP2301 E006914 D882S KN3905S PCA9554A 1SMC15A
Product Description
Full Text Search
 

To Download XC6210C302DL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6210 Series
High Current, High Speed LDO Regulators
ETR0317_002
GENERAL DESCRIPTION
The XC6210 series are precise, low noise, high current, positive voltage low dropout regulators. They are fabricated using Torex's CMOS process. The series features a voltage reference, an error amplifier, a current limiter, and a phase compensation circuit plus a driver transistor. With a low ON resistance driver transistor built into, batteries can be used until input-output voltage differential is minimal and can accordingly be used for a longer time. The series is also compatible with low ESR ceramic capacitors which give added output stability. The output voltage of the LDO is selectable in 50mV increments within the range of 0.8V to 5.0V. The current limiter's foldback circuit also operates as the output current limiter and the output pin protection. The IC's internal regulator circuit can be placed in stand-by mode via the CE function. In the stand-by mode, power consumption is greatly reduced.
APPLICATIONS
CD-ROMs, CD-R / RW drive DVD drive HDD drive Cameras, Video recorders Portable AV equipment Battery powered equipment
FEATURES
Maximum Output Current : More than 700mA (800mA limit, TYP.) (1.6VTYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
Dropout Voltage vs. Output Current
1/22
XC6210 Series
PIN CONFIGURATION
VOUT 5 NC 4
VOUT
5
VIN
4
2 1 3 VIN VSS CE
1
2
3
CE VSS
NC
SOT-25 (TOP VIEW)
SOT-89-5 (TOP VIEW)
USP-6B (BOTTOM VIEW)
*The dissipation pad for the USP-6B package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS pins.
PIN ASSIGNMENT
SOT-25 3 1 2 5 4 PIN NUMBER SOT-89-5 1 4 2 5 3 USP-6B 1 3 4 5 2, 6 PIN NAME CE VIN VSS VOUT NC FUNCTION ON/OFF Control Power Input Ground Output No Connection
PRODUCT CLASSIFICATION
Selection Guide
CE Input Logic, Internal Pull-Up / Down Resistor SERIES XC6210A XC6210B XC6210C XC6210D CE INPUT LOGIC High Active with Pull-Down Resistor High Active with No Pull-Down Resistor Low Active with Pull-Up Resistor Low Active with No Pull-Up Resistor
Ordering Information
XC6210 DESIGNATOR DESRIPTION SYMBOL A CE Pin Functions B C D Output Voltage 08~50 2 Output Voltage Accuracy A M Packages P D Device Orientation R L DESCRIPTION : High Active with pull-down resistor : High Active with no pull-down resistor : Low Active with pull-up resistor : Low Active with no pull-up resistor : ex.) 3.0V ex.) 2.80V ex.) 2.85V : SOT-89-5 : USP-6B : Embossed tape, standard feed : Embossed tape, reverse feed =3, =2, =2, =0 less than +30mV) less than +30mV) =8, =8, =2 =A : 100mV increments, +2% (VOUT<1.5V : 50mV increments, +2% (VOUT<1.5V : SOT-25 (SOT-23-5)
2/22
XC6210
Series
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Ta=25 PARAMETER Input Voltage Output Current * Output Voltage CE Pin Voltage SOT-25 Power Dissipation SOT-89-5 USP-6B Operating Temperature Range Storage Temperature Range * IOUT=Pd / (VIN - VOUT) Topr Tstg Pd SYMBOL VIN IOUT VOUT VCE RATINGS 6.5 900 VSS -0.3 ~ VIN +0.3 VSS -0.3 ~ 6.5 250 500 100 - 40 ~ + 85 - 55 ~ + 125 mW UNITS V mA V V
3/22
XC6210 Series
ELECTRICAL CHARACTERISTICS
XC6210 series
PARAMETER Output Voltage (*2), (*3) Maximum Output Current [VOUT(E)>1.6V] Maximum Output Current [VOUT(E)<1.5V] Load Regulation Dropout Voltage (*4) Supply Current (A type) Supply Current (B type) Supply Current (C type) Supply Current (D type) Stand-by Current Line Regulation Input Voltage Output Voltage Temperature Characteristics
ISTBY
Ta=25 SYMBOL VOUT(E) CONDITIONS MIN. TYP. VOUT(T) VOUT(T) 15 E-1 E-2 E-3 -0.10
MAX. x 1.02
UNITS
CIRCUIT
IOUTMAX IOUTMAX VOUT Vdif1 Vdif2
VIN=VOUT(T)+1.0V, IOUT=30mA x 0.98 VCE=ON (VIN or VSS) VOUT(T)<1.5V, IOUT=30mA (-30mV) VCE=ON (VIN or VSS) VIN=VOUT(T)+1.0V, 700 VCE=ON (VIN or VSS) VIN=VOUT(T)+1.0V, 500 VCE=ON (VIN or VSS) 1mAVIN=6.0V,CE=OFF(VIN or VSS)
V
(+30mV)
mA 60 mV mV
IDD
35 E-3 35
-
55 55
0.10
A
A
VOUT(T)+1.0V VIN 6.0V VOUT When VOUT(T) 4.5V, 5.5V VIN 6.0V Topr VOUT VCE=ON (VIN or VSS), IOUT=30mA VIN VOUT Topr VOUT IOUT=30mA, VCE=ON (VIN or VSS) -40 Topr 85 VIN=[VOUT(T)+1.0]VDC+0.5Vp-pAC When VOUT(T)>4.75V VIN=5.75VDC+0.5Vp-pAC VCE=ON (VIN or VSS), IOUT=30mA, f=1kHz VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS) VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS) VIN=VOUT(T)+1.0V, VCE=ON(VIN or VSS) VIN=VCE=VOUT(T)+1.0V
1.5 -
0.01 100
0.20 6.0 -
%/V V ppm/ -
Ripple Rejection Rate
PSRR
-
60
-
dB
Current Limiter [VOUT(E)>1.6V] Current Limiter [VOUT(E)<1.5V] Short-Circuit Current CE "High" Level Voltage CE "Low" Level Voltage CE "High" Level Current (A type) CE "High" Level Current (B / C / D type) CE "Low" Level Current (C type) CE "Low" Level Current (A / B / D type)
NOTE:
Ilim Ilim Ishort VCEH VCEL ICEH
700 1.3 E-4 - 0.10 E-5
800 800 50 -
mA 6.0 0.25 E-4 A 0.10 E-5 A 0.10 mA V
ICEL
VIN=VOUT(T)+1.0V, VCE=VSS - 0.10
*1: Unless otherwise stated, VIN=VOUT(T)+1.0V *2: VOUT(T)=Specified output voltage *3: VOUT(E)=Effective output voltage (i.e. the output voltage when " VOUT(T)+1.0V" is provided while maintaining a certain IOUT value). *4: Vdif ={VIN1
(*6)
-VOUT1
(*5)
}
*5: A voltage equal to 98% of the output voltage whenever a stabilized VOUT1=IOUT{VOUT(T)+1.0V} is input. *6: VIN1= the input voltage when VOUT1, which appears as input voltage is gradually decreased. *7: VOUT(T)<1.50V *8: CE conditions: MIN. : VOUT(T) - 30mV, MAX. : VOUT(T) +30mV XC6210A / B type: ON=VIN, OFF=VSS XC6210C / D type: ON=VSS, OFF=VIN
4/22
XC6210
Series
VOLTAGE CHART
Dropout Voltage, Supply Current, CE "H / L" Level Current Chart
E-1
SETTING OUTPUT VOLTAGE
Ta=25
E-3 SUPPLY CURRENT (A) IDD TYP. 38.0 MAX. 60.0 MIN. 1.50 E-4 CE "H" LEVEL CURRENT (A) ICEH MAX. 5.00 MIN. -5.00 E-5 CE "L" LEVEL CURRENT (A) ICEL MAX. -1.50
E-2 DROPOUT VOLTAGE 2 (IOUT=100mA) (mV) Vdif2 TYP. 250.0 600.0 500.0 700.0 600.0 150.0 400.0 300.0 500.0 400.0 100.0 300.0 250.0 38.5 MAX. 800.0
OUTPUT VOLTAGE (Accuracy: 2%) (V) VOUT MIN. 0.770 0.820 0.870 0.920 0.970 1.020 1.070 1.120 1.170 1.220 1.270 1.320 1.370 1.420 1.470 1.519 1.568 1.617 1.666 1.715 1.764 1.813 1.862 1.911 1.960 2.009 2.058 2.107 2.156 2.205 2.254 2.303 2.352 2.401 2.450 2.499 2.548 2.597 2.646 2.695 2.744 2.793 2.842 2.891 MAX. 0.830 0.880 0.930 0.980 1.030 1.080 1.130 1.180 1.230 1.280 1.330 1.380 1.430 1.480 1.530 1.581 1.632 1.683 1.734 1.785 1.836 1.887 1.938 1.989 2.040 2.091 2.142 2.193 2.244 2.295 2.346 2.397 2.448 2.499 2.550 2.601 2.652 2.703 2.754 2.805 2.856 2.907 2.958 3.009
DROPOUT VOLTAGE 1 (IOUT=30mA) (mV) Vdif1 TYP. 100.0 MAX. 700.0
(V) VOUT(T) 0.80 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 1.25 1.30 1.35 1.40 1.45 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 2.05 2.10 2.15 2.20 2.25 2.30 2.35 2.40 2.45 2.50 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95
50.0
61.5
2.00
6.50
-6.50
-2.00
30.0
200.0 100.0
27.0
41.0
90.0
135.0
39.0
63.0
2.50
8.00
-8.00
-2.50
25.0
37.0
80.0
120.0
39.5
64.5
3.00
9.50
-9.50
-3.00
18.0
28.0
60.0
90.0
40.0
66.0
3.50
11.00
-11.00
-3.50
5/22
XC6210 Series
VOLTAGE CHART (Continued)
Dropout Voltage, Supply Current, CE "H / L" Level Current Chart
SETTING OUTPUT VOLTAGE
Ta=25
E-3 SUPPLY CURRENT (A) IDD TYP. MAX. MIN. E-4 CE "H" LEVEL CURRENT (A) ICEH MAX. MIN. E-5 CE "L" LEVEL CURRENT (A) ICEL MAX.
OUTPUT VOLTAGE (Accuracy: 2%) (V) VOUT MIN. 2.940 2.989 3.038 3.087 3.136 3.185 3.234 3.283 3.332 3.381 3.430 3.479 3.528 3.577 3.626 3.675 3.724 3.773 3.822 3.871 3.920 3.969 4.018 4.067 4.116 4.165 4.214 4.214 4.312 4.361 4.410 4.459 4.508 4.557 4.606 4.655 4.704 4.753 4.802 4.851 4.900 MAX. 3.060 3.111 3.162 3.213 3.264 3.315 3.366 3.417 3.468 3.519 3.570 3.621 3.672 3.723 3.774 3.825 3.876 3.927 3.978 4.029 4.080 4.131 4.182 4.233 4.284 4.335 4.386 4.386 4.488 4.539 4.590 4.641 4.692 4.743 4.794 4.845 4.896 4.947 4.998 5.049 5.100
E-1 DROPOUT VOLTAGE 1 (IOUT=30mA) (mV) Vdif1 TYP. MAX. TYP.
E-2 DROPOUT VOLTAGE 2 (IOUT=100mA) (mV) Vdif2 MAX.
(V) VOUT(T) 3.00 3.05 3.10 3.15 3.20 3.25 3.30 3.35 3.40 3.45 3.50 3.55 3.60 3.65 3.70 3.75 3.80 3.85 3.90 3.95 4.00 4.05 4.10 4.15 4.20 4.25 4.30 4.30 4.40 4.45 4.50 4.55 4.60 4.65 4.70 4.75 4.80 4.85 4.90 4.95 5.00
15.0
23.0
50.0
75.0
40.5
67.5
4.00
12.50
-12.50
-4.00
15
23
50
75
41.0
69.0
4.40
14.00
-14.00
-4.40
41.5
70.5
4.85
15.50
-15.50
-4.85
15.0
23.0
50.0
75.0
42.0
72.0
5.30
17.00
-17.00
-5.30
6/22
XC6210
Series
TEST CIRCUITS
Circuit
VIN
CIN VIN
V V A
VCE
CE VOUT VSS
CL
RL R
L
Circuit
VIN
A
CE VOUT VSS
Circuit
VIN
VIN={VOUT+1.0V}VDC+0.5Vp-pAC VOUT>4.75V VOUT 4.75V VIN=5.75VDC+0.5Vp-pAC
V
CE VOUT IOUT=30mA VSS CL
V
Output Capacitor Corresponding Chart
VR OUTPUT VOLTAGE CL 0.8V~1.45V More than 6.8F 1.5V ~ 1.75V More than 4.7F 1.8V ~ 5.0V More than 1.0F
7/22
XC6210 Series
OPERATIONAL EXPLANATION
The voltage, divided by resistors R1 & R2, which are connected to the VOUT pin is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled & stabilized by negative feedback. The constant current limit circuit and short circuit protection operate in relation to the level of output current. With the XC6210 series regulator, a stable output voltage is achievable even if low ESR capacitors are used, as a phase compensation circuit is built into the regulator. In order to ensure the effectiveness of the phase compensation, we suggest that an output capacitor (CL) be connected as close as possible, between the output pin (VOUT) and the VSS pin. Please use an output capacitor (CL) with a capacitance, based on the chart below. We also suggest an input capacitor (CIN) of 1F: this should be connected between VIN and VSS in order to stabilize input power source.
Output Capacitor Corresponding Chart VOUT CL 0.8V ~ 1.45V More than 6.8F 1.5V ~ 1.75V More than 4.7F 1.8V ~ 5.0V More than 1.0F
The XC6210 series regulator offers a combination of current limit and short circuit protection by means of a built-in fixed current limiter circuit and a foldback circuit. When the load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, the output voltage drops further and output current decreases. When the output pin is shorted, a current of about 50mA flows. The IC's internal regulator circuitry can be shut down via the signal from the CE pin with the XC6210 series. In shutdown mode, output at the VOUT pin will be pulled down to the VSS level via R1 & R2. Options are available for the CE pin logic (See the product classification). Note that as the XC6210B types are 'High Active / No Pull-Down', operations will become unstable with the CE pin open. Although the CE pin is equal to an inverter input with CMOS hysteresis, with either the pull-up or pull-down options, the CE pin input current will increase when the IC is in operation. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry if a voltage other than VIN or VSS is applied.
NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible. Should rapid input fluctuation or load fluctuation occur, please increase the capacitor value such as CIN or CL to stabilize the operation.
8/22
XC6210
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
9/22
XC6210 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage
10/22
XC6210
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Dropout Voltage vs. Output Current
11/22
XC6210 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage
(5) Output Voltage vs. Ambient Temperature
12/22
XC6210
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) Supply Current vs. Ambient Temperature
(7) CE Pin Threshold Voltage vs. Ambient Temperature
13/22
XC6210 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Transient Response 1
14/22
XC6210
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Load Transient Response
15/22
XC6210 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Ripple Rejection Rate
16/22
XC6210
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Input Transient Response 2
17/22
XC6210 Series
PACKAGING INFORMATION
SOT-25 (SOT-23-5) SOT-89-5
USP-6B
* Pin no. 1 is thicker than other pins.
18/22
XC6210
Series
PACKAGING INFORMATION (Continued)
USP-6B Recommended Pattern Layout USP-6B Recommended Metal Mask Design
19/22
XC6210 Series
MARKING RULE
SOT-25
Represents product series MARK 0 Represents CE function MARK VOLTAGE= 0.1~3.0V V VOLTAGE= 3.1~6.0V A B C D VOLTAGE= 0.15~3.05V E F H K VOLTAGE= 3.15~6.05V L M N P XC6210Axxxxx XC6210Bxxxxx XC6210Cxxxxx XC6210Dxxxxx PRODUCT SERIES PRODUCT SERIES XC6210xxxxxx
SOT-89-5
X Y Z
Represents output voltage MARK 0 1
SOT-89-5 (TOP VIEW)
OUTPUT VOLTAGE (V) 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 0.85 0.95 1.15 1.25 1.35 1.45 1.55 3.15 3.25 3.35 3.45 3.55 3.65 3.75 3.85 3.95 4.05 4.15 4.25 4.35 4.45 4.55
MARK F H K L M N P R S T U V X Y Z
OUTPUT VOLTAGE (V) 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 4.6 4.7 4.8 4.9 5.0 1.65 1.75 1.85 1.95 2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 4.65 4.75 4.85 4.95 -
2 3 4 5 6 7 8 9 A B C D E
Represents production lot number 0 to 9, A to Z reverse character 0 to 9, A to Z repeated (G, I, J, O, Q, W excepted)
20/22
XC6210
Series
MARKING RULE (Continued)
USP-6B
Represents product series MARK 1 0 PRODUCT SERIES XC6210xxxxxx
Represents CE Function MARK
USP-6B (TOP VIEW)
TYPE High Active With Pull-Down Resistor High Active With No Pull-Down Resistor Low Active With Pull-Up Resistor Low Active With No Pull-Up Resistor Custom
PRODUCT SERIES XC6210AxxxDx XC6210AxxxDx XC6210AxxxDx XC6210AxxxDx XC6210AxxxDx
A B C D S
Represents the integer number of output voltage MARK 3 5 Represents the decimal point of output voltage MARK 0 1 2 3 4 5 6 7 8 9 VOLTAGE (V) x.0 x.1 x.2 x.3 x.4 x.5 x.6 x.7 x.8 x.9 PRODUCT SERIES XC6210xx02Dx XC6210xx12Dx XC6210xx22Dx XC6210xx32Dx XC6210xx42Dx XC6210xx52Dx XC6210xx62Dx XC6210xx72Dx XC6210xx82Dx XC6210xx92Dx MARK A B C D E F H K L M VOLTAGE (V) x.05 x.15 x.25 x.35 x.45 x.55 x.65 x.75 x.85 x.95 PRODUCT SERIES XC6210xx0ADx XC6210xx1ADx XC6210xx2ADx XC6210xx3ADx XC6210xx4ADx XC6210xx5ADx XC6210xx6ADx XC6210xx7ADx XC6210xx8ADx XC6210xx9ADx VOLTAGE (V) 3.3 5.0 PRODUCT SERIES XC6210x3xxDx XC6210x5xxDx
Represents production lot number 0 to 9, A to Z repeated (G, I, J, O, Q, W, excepted) Note: No character inversion used.
21/22
XC6210 Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
22/22


▲Up To Search▲   

 
Price & Availability of XC6210C302DL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X